PART |
Description |
Maker |
IRGB10B60KD IRGSL10B60KD IRGS10B60KD |
600V UltraFast 10-30 kHz Copack IGBT in a TO-220AB package 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package 600V UltraFast 10-30 kHz Copack IGBT in a D2-Pak package
|
International Rectifier
|
IRGB15B60KD IRGS15B60KD IRGSL15B60KD |
600V UltraFast 10-30 kHz Copack IGBT in a TO-220AB package 600V UltraFast 10-30 kHz Copack IGBT in a D2-Pak package 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package
|
International Rectifier
|
IRG4BC20MD IRG4BC20MDPBF |
600V Fast 1-8 kHz Copack IGBT in a TO-220AB package
|
International Rectifier
|
IRG4BC20MDS IRG4BC20MD-S IRG4BC20MD-STRR IRG4BC20M |
600V Fast 1-8 kHz Copack IGBT in a D2-Pak package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=11A) TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 11A I(C) | TO-263AB
|
IRF[International Rectifier]
|
IRG4PC40FD IRG4PC40 IRG4PC40FDPBF |
600V Fast 1-8 kHz Copack IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.50V, @Vge=15V, Ic=27A)
|
IRF[International Rectifier]
|
IRGSL4B60K IRGB4B60K IRGS4B60K |
600V Low VCEon Copack IGBT in a TO-262 package 600V Low VCEon Copack IGBT in a D2Pak package 600V Low VCEon Copack IGBT in a TO-220 package INSULATED GATE BIPOLAR TRANSISTOR
|
IRF[International Rectifier]
|
IRG4PC50UD IRG4PC50UD-E |
55 A, 600 V, N-CHANNEL IGBT, TO-247AD INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.65V, @Vge=15V, Ic=27A) 600V UltraFast 8-60 kHz Copack IGBT in a TO-247AC package
|
IRF[International Rectifier]
|
IRG4RC10SDTRLP |
600V DC-1 kHz (Standard) Copack IGBT in a D-Pak package
|
International Rectifier
|
IRG4BC20SD-S |
600V DC-1 kHz (Standard) Copack IGBT in a D2-Pak package
|
International Rectifier
|
IRG4IBC10UD |
600V UltraFast 8-60 kHz Copack IGBT in a TO-220 FullPak package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
|
IRF[International Rectifier]
|
IRG4PC50F IRG4PC50F-E |
70 A, 600 V, N-CHANNEL IGBT, TO-247AC 70 A, 600 V, N-CHANNEL IGBT, TO-247AD INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.45V, @Vge=15V, Ic=39A) 600V Fast 1-8 kHz Discrete IGBT in a TO-247AC package
|
IRF[International Rectifier]
|